Part Number Hot Search : 
DTA144 SJ432BS 1GVCDK 25080VI M1BS24H MX13150 015001 HAT2068R
Product Description
Full Text Search
 

To Download AZ100LVEL58N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.azmicrotek.com 1630 s stapley dr, suite 127 +1 - 480- 962- 5881 mesa, az 85204 usa r equest a sample m ay 2012, rev 2.0 d escription the az100lvel58 is a 2 :1 multiplexer. the device is pin and functionally equivalent to the az100el58. with ac performance similar to the az100el58 device, the lvel58 is ideal for the low voltage applications that require the ultimate in ac performance. if desired, the select in put can be directly driven from a cmos output. the az100lvel58 is a direct replacement for the on semi mc100lvel58. b lock d iagram f eatures ? 440ps propagation delay ? operating voltage of 3.0 to 5.5v ? internal input pull - down resistors ? direct replacement for on semi mc100lvel58 a pplications ? general applications p ackage a vailability ? mlp8 ? soic8 ? msop8 az 100lvel58 p ecl/ecl 2:1 multiplexer order number package marking az100lvel58dg 1 soic8 azm100glvel58 2 az100lvel58tg 1 msop8 azhglv58 2 AZ100LVEL58N+ 1 mlp8 l5+ 2 1 tape & reel - add 'r1' at end of order number for 7in (1k parts), 'r2' (2.5k) for 13in 2 see www.azmicrotek.com for date code format www.azmicrotek.com
arizona microtek, inc. az100lvel58 ecl/pecl 2:1 multiplexer www.azmicrotek.com +1 - 480- 962- 5881 2 r equest a sample m ay 2012, rev 2.0 p in d escription and c onfiguration table 1 - pin description pin name type function 1 nc 2 d0 input data input 3 d1 input data input 4 sel input select input 5 v ee power negative supply 6 q output data output 7 q output data output 8 v cc power positive supply mlp8 8 7 6 5 1 2 3 4 nc d0 v cc q v ee d1 sel q soic8 msop8 8 7 6 5 1 2 3 4 nc d0 d1 sel v cc q v ee q figure 1 - pin configuration for mlp8 & soic 8 /msop8 , respectively
arizona microtek, inc. az100lvel58 ecl/pecl 2:1 multiplexer www.azmicrotek.com +1 - 480- 962- 5881 3 r equest a sample m ay 2012, rev 2.0 e ng ineering n otes table 2 ? functionality table sel q high d0 low d1 p erformance data table 3 ? absolute maximum ratings absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic condition rating unit v cc pecl power supply v ee = 0v 0 to +8.0 v v i pecl input voltage v ee = 0v 0 to +6.0 v v ee ecl power supply v cc = 0v - 8.0 to 0 v v i ecl input voltage v cc = 0v - 6.0 to 0 v i out output current continuous 50 ma surge 100 t a operating temperature range - 40 to +85 c t stg storage temperature range - 65 to +150 c esd hbm human body model 2500 v esd mm machine model 200 v esd cd m charged device model 2500 v
arizona microtek, inc. az100lvel58 ecl/pecl 2:1 multiplexer www.azmicrotek.com +1 - 480- 962- 5881 4 r equest a sample m ay 2012, rev 2.0 table 4 ? ecl dc characteristics ecl dc characteristics (v ee = - 3.0v to - 5.5v, v cc = gnd) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max v oh output high voltage 1 - 1085 - 1005 - 880 - 1025 - 955 - 880 - 1025 - 955 - 880 - 1025 - 955 - 880 mv v ol output low voltage 1 - 1830 - 1695 - 1555 - 1810 - 1705 - 1620 - 1810 - 1705 - 1620 - 1810 - 1705 - 1620 mv v ih input high voltage - 1165 - 880 - 1165 - 880 - 1165 - 880 - 1165 - 880 mv v il input low voltage - 1810 - 1475 - 1810 - 1475 - 1810 - 1475 - 1810 - 1475 mv i ih input high current 150 150 150 150 a i il input low current - 150 - 150 - 150 - 150 a i ee power supply current 21 28 21 28 21 28 23 30 ma 1 each output is terminated through a 50 ? resistor to v cc - 2v table 5 - lvpecl dc characteristics lvpecl dc characteristics (v ee = gnd, v cc = +3.3v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max v oh output high voltage 1 2215 2295 2420 2275 2345 2420 2275 2345 2420 2275 2345 2420 mv v ol output low voltage 1 1470 1605 1745 1490 1595 1680 1490 1595 1680 1490 1595 1680 mv v ih input high voltage 2135 2420 2135 2420 2135 2420 2135 2420 mv v il input low voltage 1490 1825 1490 1825 1490 1825 1490 1825 mv i ih input high current 150 150 150 150 a i il input low current - 150 - 150 - 150 - 150 a i ee power supply current 21 28 21 28 21 28 23 30 ma 1 each output is terminated through a 50 ? resistor to v cc - 2v table 6 - pecl dc char acteristics pecl dc characteristics (v ee = gnd, v cc = +5.0v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max v oh output high voltage 1 3915 3995 4120 3975 4045 4120 3975 4045 4120 3975 4045 4120 mv v ol output low voltage 1 3170 3305 3445 3190 3295 3380 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 3190 3525 3190 3525 3190 3525 3190 3525 mv i ih input high current 150 150 150 150 a i il input low current - 150 - 150 - 150 - 150 a i ee power supply current 27 33 27 33 27 33 31 37 ma 1 each output is terminated through a 50 ? resistor to v cc - 2v
arizona microtek, inc. az100lvel58 ecl/pecl 2:1 multiplexer www.azmicrotek.com +1 - 480- 962- 5881 5 r equest a sample m ay 2012, rev 2.0 table 7 - ac characteristics ac characteristics (v ee = - 3.0v to - 5.5v, v cc = gnd or v ee = gnd, v cc = +3.0v to +5.0v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max t plh /t phl propagation delay to output - d to q 340 435 560 350 440 570 370 450 590 ps sel to q 540 455 570 360 460 580 380 470 600 ps f max max toggle freq 1.5 ghz t r /t f output rise/fall times q (20% - 80%) 100 260 100 260 100 260 100 260 ps
arizona microtek, inc. az100lvel58 ecl/pecl 2:1 multiplexer www.azmicrotek.com +1 - 480- 962- 5881 6 r equest a sample m ay 2012, rev 2.0 p ackage d iagram soic8 green/rohs compliant/pb - free msl=1
arizona microtek, inc. az100lvel58 ecl/pecl 2:1 multiplexer www.azmicrotek.com +1 - 480- 962- 5881 7 r equest a sample m ay 2012, rev 2.0 p ackage d iagram msop 8 green/rohs compliant/pb - free msl=1
arizona microtek, inc. az100lvel58 ecl/pecl 2:1 multiplexer www.azmicrotek.com +1 - 480- 962- 5881 8 r equest a sample m ay 2012, rev 2.0 p ackage d iagram mlp8 green/rohs compliant/pb - free msl=1 arizona microtek, inc. reserves the right to change circuitry and specifications at any time without prior notice. arizona microtek, inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does arizona microtek, inc. assume any liability arising out o f the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. arizona microtek, inc. does not convey any license rights nor the rights of oth ers. arizona microtek, inc. products are not designed, intended or authorized for use as components in systems intended to support or sustain life, or for any other application in which the failure of the arizona microtek, inc. product could create a situ ation where personal injury or death may occur. should buyer purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify and hold arizona microtek, inc. and its officers, employees, subsidiari es, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100LVEL58N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X